Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP22-A0F100-03 Fiches technique(PDF) 1 Page - Apex Electronics Co., Ltd

No de pièce MP22-A0F100-03
Description  Metal pushbutton switch, 1 million cycles, IP67,IK10
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Site Internet  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

MP22-A0F100-03 Fiches technique(HTML) 1 Page - Apex Electronics Co., Ltd

  MP22-A0F100-03 Datasheet HTML 1Page - Apex Electronics Co., Ltd MP22-A0F100-03 Datasheet HTML 2Page - Apex Electronics Co., Ltd MP22-A0F100-03 Datasheet HTML 3Page - Apex Electronics Co., Ltd MP22-A0F100-03 Datasheet HTML 4Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
01


SPECIFICATIONS
RATING : Ith 5A/250VAC resistive load 3A/250VAC
CONTACT RESISTANCE :
INSULATION RESISTANCE :
DIELECTRIC STRENGTH :
OPERATION TEMPERATURE : -20°C to 55°C
MECHANICAL LIFE :
Self-lock 500,000 cycles
ELECTRICAL LIFE :
TORQUE : 5~14Nm
PANEL THICKNESS :
OPERATION PRESSURE : 1Pole 2.5±1N / 2Poles 3.5±1N
TRAVEL :
INGRESS PROTECTION :
HOW TO ORDER
MATERIALS
BUSHING :
BASE :
ACTUATOR :
INNER ASSEMBLY : POM / PA66.
SPRING :
SEALING :
O-Ring :
TERMINAL / CONTACT : Copper ,Silver plated.
HEX NUT :
MP22
Round
A0
C3
Double flat
D0
F3
Stainless (Natural)(std)
Al alloy (Black Anodized)(std)
Stainless (Natural)(std)
Al alloy (Black Anodized)
F Flat (std)
1
2
1NO 1NC
2NO 2NC
1
3
5
6
White
0
Without LED
Red
Yellow
Green
7
Blue
Single Color LED
D
Blue+Yellow
Dual Color LED
A
B
Red+Green
Red+Blue
P
Blue+Green
J
Orange+Green
G
H
Red+Yellow
Green+Yellow
ITEM NO
COLOR
0
1
Momentary
Lock
0
E
E1
E2
E3
Without LED
Ring (Moveable)
Ring (Moveable) +Power logo
Ring (Moveable)
Ring (Moveable) +Power logo
J
S
T1
T2
T3
T4
D1
Solder terminal(std)
Short solder terminal
Flying lead terminals
500mm wire leads 18 AWG
Flying lead terminals
1000mm wire leads 18 AWG
Flying lead terminals
1500mm wire leads 18 AWG
Flying lead terminals
2000mm wire leads 18 AWG
Molding
500mm wire leads 18 AWG
BODY
TYPE
BUTTON
TYPE
CONTACT
CONFIGURATION
OPERATING
TYPE
LIGHT
TYPE
LED
COLOR
LED
VOLTAGE
TERMINAL
TYPE & WIRE
TERMINAL
PLATED
LED Voltage (20mA)
Q
R
Silver
Gold
Light type E2 with LED is only available with color
Light type E3 with LED is only available with color
For other colors information please consult sales
3
6
12
24
110
6V
3V
0
Without
Resistor
24V
36
36V
110V
220
220V
12V
VOLTAGE
ITEM NO
Light options
LED voltage
LED color
EXAMPLE:
MP22-A0F100-JQ (Without LED)
MP22-A0F10 -
-JQ


Numéro de pièce similaire - MP22-A0F100-03

FabricantNo de pièceFiches techniqueDescription
logo
RCD COMPONENTS INC.
MP220-100-A RCD-MP220-100-A Datasheet
44Kb / 1P
POWER FILM RESISTORS TO 140 WATT
MP220-100-B RCD-MP220-100-B Datasheet
44Kb / 1P
POWER FILM RESISTORS TO 140 WATT
MP220-100-C RCD-MP220-100-C Datasheet
44Kb / 1P
POWER FILM RESISTORS TO 140 WATT
MP220-100-D RCD-MP220-100-D Datasheet
44Kb / 1P
POWER FILM RESISTORS TO 140 WATT
MP220-100-F RCD-MP220-100-F Datasheet
44Kb / 1P
POWER FILM RESISTORS TO 140 WATT
More results

Description similaire - MP22-A0F100-03

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
MTS-18B MINI-MTS-18B Datasheet
102Kb / 1P
15 Million cycles MTS-18B Transfer Switch DC to 18 GHz
logo
Vishay Siliconix
P30L VISHAY-P30L Datasheet
133Kb / 5P
Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
04-Sep-08
logo
Grayhill, Inc
62R22-01-040S GRAYHILL-62R22-01-040S Datasheet
394Kb / 2P
Redundant Circuitry 1 Million Rotational Cycles
logo
Actel Corporation
APA075-FGG144 ACTEL-APA075-FGG144 Datasheet
352Kb / 10P
75,000 to 1 Million System Gates
logo
ALPS ELECTRIC CO.,LTD.
RK09Y11L ALPS-RK09Y11L_15 Datasheet
649Kb / 3P
A compact long-life type with a rotational life of 1 million cycles
logo
TT Electronics.
PHS07 TTELEC-PHS07 Datasheet
431Kb / 3P
High accuracy and long life over 1 million cycles
logo
Vishay Siliconix
P11L VISHAY-P11L Datasheet
216Kb / 13P
Long Life Cermet Potentiometer 2 Million Cycles
04-Jul-17
P11L VISHAY-P11L_V01 Datasheet
185Kb / 13P
Long Life Cermet Potentiometer 2 Million Cycles
02-Nov-2021
P13L VISHAY-P13L_V01 Datasheet
143Kb / 6P
Long Life Cermet Potentiometer up to 2 Million Cycles
30-Jul-2021
P30L VISHAY-P30L_V01 Datasheet
150Kb / 6P
Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
25-Jul-2022
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com