Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RV09MVXXXD103C Fiches technique(PDF) 2 Page - Apex Electronics Co., Ltd

No de pièce RV09MVXXXD103C
Description  9mm Rotary Potentiometer, metal shaft and bushing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Site Internet  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

RV09MVXXXD103C Fiches technique(HTML) 2 Page - Apex Electronics Co., Ltd

  RV09MVXXXD103C Datasheet HTML 1Page - Apex Electronics Co., Ltd RV09MVXXXD103C Datasheet HTML 2Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
RV09M Series
9mm Rotary Potentiometer, metal shaft and bushing
02
Shaft Options
Flat Shaft
Part No.
L1
L2
LB
F1
12.5
7
5
F2
15
7
5
F3
17.5
7
5
F4
20
12
7
F5
25
12
7
Shaft Options
Model
Dimensions
RV09M
(Single Output, Horizontal)
RV09M
(Single Output, Vertical)
RV09M
(Dual Output, Horizontal)
RV09M
(Dual Output, Vertical)



Html Pages

1 2