| Moteur de recherche de fiches techniques de composants électroniques |
|
PASD71 Fiches technique(PDF) 1 Page - Apex Electronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
PASD71 Fiches technique(HTML) 1 Page - Apex Electronics Co., Ltd |
|
|
1 / 1 page ![]() 2018 APEX Electronics Ltd. All rights reserved. www.apex-electronics.com PASD Series Pushbutton switches, optional LED 01 SPECIFICATIONS CIRCUIT : DPDT RATING : 0.1A, DC30V MAX/100mA, DC1.5V MIN CONTACT RESISTANCE : 50 m MAX. INSULATION RESISTANCE : 100 M MIN. ELECTRICAL LIFE : 50,000 cycles ACTUATION FORCE : 250 ± 100g TRAVEL: 1. Full Travel : 1.5 ± 0.4mm 2. Contact Travel : 1.0 ± 0.4mm OPERATING TEMPERATURE RANGE : -20°C to 70°C MATERIALS CASE : Glass filled Nylon 6/6, black. HOUSING : Glass filled Nylon 6/6, black. ACTUATOR : Glass filled Nylon 6/6, black. CONTACT : Phosphor bronze,silver plated. TERMINALS : LCP, Black & Brass, silver plated. MODEL NO. LED COLOR On-Mom On-On Function 7 L PASD Switch Action TYPE PASD7 PASDL Connected Terminals Normal ON 1-2 4-5 2-3 5-6 Push (ON) Normal ON LOCK ON LED Circuit L1 L2 FUNCTION HOW TO ORDER 0 3 5 6 Red 1 White Without LED Green 7 Blue Yellow COLOR ITEM NO Led color Example: PASD73- DIMENSION 2 3 1 6 5 4 L1 L2 5.08 6.12 2.54 2.54 4.10 7.50 3.50 6.60 3.80 0.30 8.50 2.54 5.08 10.16 0.60 8.50 4.60 2 3 1 6 5 4 L1 L2 5.08 6.12 2.54 2.54 4.10 7.50 3.50 6.60 3.80 0.30 8.50 4.30 2.40 (Lock) 2.54 5.08 10.16 0.60 8.50 4.60 4.30 P.C.B LAYOUT 2.54 2.54 2.54 5.08 10.16 8-Ø1.00 12 3 65 4 L1 L2 PASDL PASD7 SWITCH FUNCTION DIMENSION CAP OPTION 7.4 7.4 7.4 7.4 Ø6.0 WHITE ICE SNOW B H C G D F Adapter (YCB002) Cap CAP CODE CAP CODE COLOR TRANSPARENT |
Numéro de pièce similaire - PASD71 |
|
Description similaire - PASD71 |