| Moteur de recherche de fiches techniques de composants électroniques |
|
BPMS7P1AP22M2Q Fiches technique(PDF) 7 Page - Apex Electronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
BPMS7P1AP22M2Q Fiches technique(HTML) 7 Page - Apex Electronics Co., Ltd |
|
7 / 11 page ![]() 2018 APEX Electronics Ltd. All rights reserved. www.apex-electronics.com BPM Series Pushbutton switches, optional LED 07 Part No. Shown : BPMD7AP423M1RE AP4 CAP & FRAME DPDT R.005 R0.13 .500 12.70 .619 15.70 INCREASE TO .620/.625 15.75/15.88 FOR .091/.125 2.31/3.18 THK PANEL PANEL LAYOUT .047 TO .125 1.19 TO 3.18 FRAME .079 2.00 .268 6.8 .618 15.70 .767 19.50 .460 11.70 .051 1.30 .030 0.76 .185 4.70 .213 5.40 EPOXY SEAL PANEL THICKNESS PANEL MOUNTING Part No. Shown : BPMS7AP523M1QE Part No. Shown : BPMS7AP629M1RE SPDT SPDT AP5 CAP & FRAME AP6 CAP & FRAME PANEL THICKNESS .520 13.21 1.100 27.94 .618 15.70 .618 15.70 1.100 27.94 .198 5.03 .450 11.43 .047 TO .125 1.19 TO 3.18 .520 13.21 .047 TO .125 1.19 TO 3.18 L.E.D. SNAPS SECURELY INTO FRAME. HEIGHT DEPENDS ON L.E.D. USED. .280 7.11 .268 6.8 .079 2.00 .060 1.52 PANEL THICKNESS FRAME FRAME L.E.D. SNAPS SECURELY INTO FRAME. HEIGHT DEPENDS ON L.E.D. USED. .280 7.11 .268 6.8 .079 2.00 OPTION CODE CAP AND FRAME COLORS 2 3 1 OPTION BLACK(std) WHITE RED COLOR ORANGE 6 4 3 GREEN RED(std) LED COLORS CODE COLOR PANEL LAYOUT .520 13.21 .619 15.70 .500 12.70 Ø .343 Ø 8.71 R.005 R0.13 * Besides standard color, other colors need to check stocks available. FOR AP5/AP6 |