| Moteur de recherche de fiches techniques de composants électroniques |
|
FAK37 Fiches technique(PDF) 3 Page - Apex Electronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
FAK37 Fiches technique(HTML) 3 Page - Apex Electronics Co., Ltd |
|
3 / 3 page ![]() 2018 APEX Electronics Ltd. All rights reserved. www.apex-electronics.com FAK Series Foot switch, high operational force, robust mechanism 03 FAK-P1B1-5 Additional hardware Actuator Bushing A A Ø 14.00 5.00 14.30 10.20 5.10 Ø 10.00 6.0±0.30 Ø 5.00±0.3 M12*P0.75 PUSHBUTTON SWITCH KEYWAY SPECIFICATIONS LIFE CYCLES: 20,000 cycles. OPERATING FORCE: 650±200gf.cm PART NO.(P/N.) Working force for bushing with nut:Test with torsion meter and increase torsion greater then 8kgf.cm. Stay-Nut torsion strength 8kgf.cm. 1 pc. of nut is packed separately. HARDWARE NUT WASHE TOOTH WASHE PANEL MOUNTING 6-Ø.047 6-Ø1.20 +0.1 -0.0 +0.04 -0.0 holes 9-Ø.047 9-Ø1.20 +0.1 -0.0 +0.04 -0.0 holes .197 5.00 .315 8.00 .378 9.60 .417 10.60 M2 PC Thru-hole M1 Solder Lug TERMINATION OPTIONS .029(0.75) THK. Ø .492 Ø 12.5 P.C.B MOUNTING 6-Ø.047 6-Ø1.20 +0.1 -0.0 +0.04 -0.0 holes .098 2.50 .315 8.00 S7/SL D7/DL 37/3L .078 2.00 .039 1.00 MNU-PA03 NU-7K01 Ø .230 Ø 16.00 Ø .484 Ø 12.30 .020 0.50 M12x0.75 SI .551 14.00 .630 16.00 .098 2.50 NU-1M09 .039 THK 1.0 Ø .625 Ø 15.90 14.30 .029(0.75) THK. |