| Moteur de recherche de fiches techniques de composants électroniques |
|
MP25 Fiches technique(PDF) 2 Page - Apex Electronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
MP25 Fiches technique(HTML) 2 Page - Apex Electronics Co., Ltd |
|
2 / 4 page ![]() 2018 APEX Electronics Ltd. All rights reserved. www.apex-electronics.com 02 BODY TYPE CIRCUIT BUTTON OPTIONS H HIgh, No LED F Flat (std) Only available for aluminum body options. .08 2.00 .08 2.00 .08 2.00 1 2 3 Position 1 Position 2 1 2 3 4 5 1 2 3 6 Position 1 Position 2 6 5 4 1 2 3 Without LED Position 2 4 5 6 1 2 3 R Position 1 3 2 1 6 5 4 R Single Color LED Position 1 Position 2 3 2 1 2 3 1 R R Position 1 Position 2 3 2 1 2 3 1 Green Red Green Red Position 2 4 5 6 1 2 3 Position 1 3 2 1 6 5 4 Dual Color LED Green Red Green Red R R R R SINGLE POLE DOUBLE POLE A0 / C3 Round D0 / F3 Double flat Available with light type E1 and E3 only. M25x1.0 M25x1.0 Not available for light type E1 and E3. .93 23.50 Ø 1.10 Ø 28.00 Ø 1.10 Ø 28.00 LIGHT OPTIONS Available with body type D0 only. E / E2 Ring (Moveable) E1 / E3 Ring (Moveable)+Power logo 0 Without LED Actuator Illuminated ring Illuminated ring Illuminated power logo Ø .78 Ø 19.80 Actuator Ø .78 Ø 19.80 Actuator Ø .78 Ø 19.70 Available with button type H only. |