| Moteur de recherche de fiches techniques de composants électroniques |
|
MP19 Fiches technique(PDF) 4 Page - Apex Electronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
MP19 Fiches technique(HTML) 4 Page - Apex Electronics Co., Ltd |
|
4 / 5 page ![]() 2018 APEX Electronics Ltd. All rights reserved. www.apex-electronics.com 04 MP19 Series Metal pushbutton switch, 1 million cycles, IP67, IK10 0.69 17.40 Ø 0.87 Ø 22.00 POSITION 2 M19x1.0 0.11 2.8 0.20 5.0 1.00 25.5 1.29 32.7 0.08 2.00 0.02 0.50 .011 2.75 3 2 1 Ø 0.61 Ø 15.50 Actuator 0.08 2.00 POSITION 1 ROUND BUTTON TYPE 0 Without LED only Part No. Shown : MP19-A0R1 0-JQ HIGH BUTTON TYPE 0.69 17.40 0.08 2.00 Ø 0.87 Ø 22.00 POSITION 2 M19x1.0 0.11 2.8 0.20 5.0 1.00 25.4 1.31 32.6 0.08 2.00 0.02 0.50 .011 2.75 3 2 1 Ø 0.61 Ø 15.50 Actuator POSITION 1 0 Without LED Part No. Shown : MP19-A0H1 0-JQ R Ring (Fixed) Part No. Shown : MP19-A0H1 R- JQ Ø 0.87 Ø 22.00 Actuator Ø 0.61 Ø 15.50 Ring illuminated 0.69 17.40 POSITION 2 M19x1.0 0.11 2.8 0.20 5.0 1.00 25.5 1.29 32.7 0.08 2.00 0.02 0.50 .011 2.75 3 2 1 (+) POSITION 1 (–) 0.08 2.00 Ø 0.51 Ø 13.00 Ø 0.87 Ø 22.00 Actuator 0.69 17.40 0.08 2.00 POSITION 2 M19x1.0 0.11 2.8 0.20 5.0 1.00 25.5 1.29 32.7 0.08 2.00 0.02 0.50 .011 2.75 3 2 1 Ø 0.61 Ø 15.50 (+) 0.51 13.0 0.69 17.50 POSITION 1 (–) (–) P Power logo Part No. Shown : MP19-D0H1 P- -JQ Power logo illuminated |