| Moteur de recherche de fiches techniques de composants électroniques |
|
BSED3 Fiches technique(PDF) 3 Page - Apex Electronics Co., Ltd |
|
|
|||||||||||||||||||||||||||||
BSED3 Fiches technique(HTML) 3 Page - Apex Electronics Co., Ltd |
|
3 / 3 page ![]() 2018 APEX Electronics Ltd. All rights reserved. www.apex-electronics.com BSE Series Subminiature Slide Switch, multiple contact arrangement, washable 03 P.C. MOUNTING Part No. Shown : BSED1S105M6RES M6 DPDT 3 2 1 65 4 .100 2.54 .200 5.08 .100 2.54 .200 7.62 Ø .039 Ø 1.0 EPOXY SEAL .100 2.54 .197 5.0 .201 5.1 .116 2.95 .220 5.6 .374 9.5 .024 0.6 .300 7.62 .015 0.4 .011 0.3 .087 2.2 .110 2.8 .315 8.0 .130 3.3 .100 2.54 .024 0.6 .200 5.08 6 5 4 WAVE SOLDERING: Recommended Soldering Temperature: 260 ± 5°C Duration of Solder Immersion: Max 5 sec. (PCB is 1.6mm in thickness) SOLDERING PROCESSES Part No. Shown : BSES1S105M6RES M6 SPDT P.C. MOUNTING 3 2 1 .100 2.54 .200 5.08 Ø .039 Ø 1.0 .300 7.62 EPOXY SEAL .197 5.0 .201 5.1 .116 2.95 .220 5.6 .374 9.5 .024 0.6 .300 7.62 .015 0.4 .011 0.3 .087 2.2 .110 2.8 .315 8.0 .130 3.3 .100 2.54 .024 0.6 .200 5.08 3 2 1 |