Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDBF0230L Fiches technique(PDF) 2 Page - Comchip Technology

No de pièce CDBF0230L
Description  SMD Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMCHIP [Comchip Technology]
Site Internet  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBF0230L Fiches technique(HTML) 2 Page - Comchip Technology

  CDBF0230L Datasheet HTML 1Page - Comchip Technology CDBF0230L Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES (CDBF0230L)
Fig. 1 - Forward characteristics
Forward voltage (V)
Fig. 4 - Current derating curve
Fig. 3 - Capacitance between
terminals characteristics
Reverse voltage (V)
SMD Schottky Barrier Diode
SMD Schottky Barrier Diode
Ambient temperature ( C )
Reverse voltage (V)
Fig. 2 - Reverse characteristics
0
0
100
80
60
40
20
0
25
50
75
100
125
1000
0
100
10
1
0.1
0.2
0.4
0.7
0
0.3
0.6
0.8
0.5
o
o
o
o
o
o
o
o
75 C
25 C
25 C
10u
1m
1u
100u
100n
10n
0
5
10
15
20
25
30
1
10
100
5
10
15
20
25
30
SMD Diodes Specialist
COMCHIP
Page 2
REV:A
QW-A1026



Html Pages

1 2