Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDBF0140R Fiches technique(PDF) 2 Page - Comchip Technology

No de pièce CDBF0140R
Description  SMD Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMCHIP [Comchip Technology]
Site Internet  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBF0140R Fiches technique(HTML) 2 Page - Comchip Technology

  CDBF0140R Datasheet HTML 1Page - Comchip Technology CDBF0140R Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES (CDBF0140R)
SMD Schottky Barrier Diode
SMD Schottky Barrier Diode
SMD Diodes Specialist
COMCHIP
Page 2
REV:A
QW-A1016
Fig. 1 - Forward characteristics
Forward voltage (V)
Fig. 4 - Current derating curve
Fig. 3 - Capacitance between
terminals characteristics
Reverse voltage (V)
Ambient temperature ( C )
Reverse voltage (V)
Fig. 2 - Reverse characteristics
0
10
20
30
40
0
10
100
1
0
100
80
60
40
20
0
25
50
75
100
125
O
O
O
O
O
O
0.1
1000
100
10
1
0
0.2
0.4
0.8
0.6
1.0
125 C
O
O
75 C
O
O
25 C
O
O
25 C
5
10
15
20
25
30
35
40
1n
10n
100n
1u
10u
100u
1m
O
O



Html Pages

1 2