| Moteur de recherche de fiches techniques de composants électroniques |
|
TLC27L2ACDR Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC27L2ACDR Fiches technique(HTML) 9 Page - Texas Instruments |
|
9 / 49 page ![]() TLC27L2, TLC27L2A, TLC27L2B, TLC27L7 LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS SLOS052D − OCTOBER 1987 − REVISED OCTOBER 2005 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VDD = 10 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLC27L2M TLC27L7M UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT TLC27L2M VO = 1.4 V, VIC = 0, 25 °C 1.1 10 mV VIO Input offset voltage TLC27L2M VO = 1.4 V, RS = 50 Ω, VIC = 0, RL = 1 MΩ Full range 12 mV VIO Input offset voltage TLC27L7M VO = 1.4 V, VIC = 0, 25 °C 190 800 µV TLC27L7M VO = 1.4 V, RS = 50 Ω, VIC = 0, RL = 1 MΩ Full range 4300 µV αVIO Average temperature coefficient of 25 °C to 1.4 µV/°C αVIO Average temperature coefficient of input offset voltage 25 C to 125 °C 1.4 µV/°C IIO Input offset current (see Note 4) VO = 5 V, VIC = 5 V 25 °C 0.1 60 pA IIO Input offset current (see Note 4) VO = 5 V, VIC = 5 V 125 °C 1.8 15 nA IIB Input bias current (see Note 4) VO = 5 V, VIC = 5 V 25 °C 0.7 60 pA IIB Input bias current (see Note 4) VO = 5 V, VIC = 5 V 125 °C 10 35 nA 0 − 0.3 25 °C 0 to − 0.3 to V VICR Common-mode input voltage range 25 C to 9 to 9.2 V VICR Common-mode input voltage range (see Note 5) 0 (see Note 5) Full range 0 to V Full range to 8.5 V 25 °C 8 8.9 VOH High-level output voltage VID = 100 mV, RL = 1 MΩ −55 °C 7.8 8.8 V VOH High-level output voltage VID = 100 mV, RL = 1 MΩ 125 °C 7.8 9 V 25 °C 0 50 VOL Low-level output voltage VID = − 100 mV, IOL = 0 −55 °C 0 50 mV VOL Low-level output voltage VID = − 100 mV, IOL = 0 125 °C 0 50 mV Large-signal differential voltage 25 °C 50 860 AVD Large-signal differential voltage amplification VO = 1 V to 6 V, RL = 1 MΩ −55 °C 25 1750 V/mV AVD amplification VO = 1 V to 6 V, RL = 1 MΩ 125 °C 25 380 V/mV 25 °C 65 97 CMRR Common-mode rejection ratio VIC = VICRmin −55 °C 60 97 dB CMRR Common-mode rejection ratio VIC = VICRmin 125 °C 60 91 dB Supply-voltage rejection ratio 25 °C 70 97 kSVR Supply-voltage rejection ratio ( ∆VDD/∆VIO) VDD = 5 V to 10 V, VO = 1.4 V −55 °C 60 97 dB kSVR ( ∆VDD/∆VIO) VDD = 5 V to 10 V, VO = 1.4 V 125 °C 60 98 dB VO = 5 V, VIC = 5 V, 25 °C 29 46 IDD Supply current (two amplifiers) VO = 5 V, No load VIC = 5 V, −55 °C 56 96 µA IDD Supply current (two amplifiers) No load 125 °C 18 30 µA † Full range is − 55 °C to 125°C. NOTES: 4. The typical values of input bias current and input offset current below 5 pA were determined mathematically. 5. This range also applies to each input individually. |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |