Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B84143-A150-R Fiches technique(PDF) 3 Page - EPCOS

No de pièce B84143-A150-R
Description  3-Line Filters for Converters and Power Electronics
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B84143-A150-R Fiches technique(HTML) 3 Page - EPCOS

  B84143-A150-R Datasheet HTML 1Page - EPCOS B84143-A150-R Datasheet HTML 2Page - EPCOS B84143-A150-R Datasheet HTML 3Page - EPCOS B84143-A150-R Datasheet HTML 4Page - EPCOS B84143-A150-R Datasheet HTML 5Page - EPCOS B84143-A150-R Datasheet HTML 6Page - EPCOS B84143-A150-R Datasheet HTML 7Page - EPCOS B84143-A150-R Datasheet HTML 8Page - EPCOS B84143-A150-R Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
222 03/01
3-Line Filters
B84143-A*-R
for Converters and Power Electronics
Characteristics and ordering codes
For filters for higher currents see B84143-B*-S20, page 255.
In comparison with the former series B84143-A*-S these filters are smaller, lower in weight and
optimized in price.
IR
A
Terminal
cross section
mm2
I leak
mA
Rtyp
m
Ω
Approx.
weight
kg
Ordering code
8
4
< 3,5
40
2,2
B84143-A8-R
12
4
< 3,5
20
2,2
B84143-A12-R
16
4
< 3,5
15
2,2
B84143-A16-R
25
10
< 3,5
8
3,7
B84143-A25-R
36
10
< 3,5
3,8
3,7
B84143-A36-R
50
10
< 6
2,0
4,0
B84143-A50-R
80
25
< 6
1,0
9,5
B84143-A80-R
120
50
< 6
0,75
10
B84143-A120-R
150
50
< 6
0,4
10
B84143-A150-R
180
95
< 6
0,4
13
B84143-A180-R



Html Pages

1 2 3 4 5 6 7 8 9