| Moteur de recherche de fiches techniques de composants électroniques |
|
B84143-A25-R Fiches technique(PDF) 8 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B84143-A25-R Fiches technique(HTML) 8 Page - EPCOS |
|
8 / 9 page ![]() 227 03/01 3-Line Filters B84143-A*-R for Converters and Power Electronics Insertion loss (typical values at Z = 50 Ω) unsymmetrical, adjacent branches terminated common mode, all branches in parallel (asymmetrical) differential mode (symmetrical) B84143-A36-R B84143-A50-R B84143-A80-R B84143-A120-R … B84143-A180-R SSB0802-B 0 20 40 60 80 dB 100 10 4 10 5 10 6 f 10 7 Hz 10 8 e α SSB0985-U 0 20 40 60 80 dB 100 10 4 10 5 10 6 f 10 7 Hz 10 8 e α SSB0986-3 0 20 40 60 80 dB 100 4 10 5 10 6 10 7 10 f Hz 8 10 e α SSB0987-B 0 20 40 60 80 dB 100 10 4 10 5 10 6 10 7 f 8 Hz 10 e α |