| Moteur de recherche de fiches techniques de composants électroniques |
|
B84143-A16-R Fiches technique(PDF) 7 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B84143-A16-R Fiches technique(HTML) 7 Page - EPCOS |
|
7 / 9 page ![]() 226 03/01 3-Line Filters B84143-A*-R for Converters and Power Electronics Insertion loss (typical values at Z = 50 Ω) unsymmetrical, adjacent branches terminated common mode, all branches in parallel (asymmetrical) differential mode (symmetrical) B84143-A8-R B84143-A12-R B84143-A16-R B84143-A25-R SSB0798-E 0 20 40 60 80 dB 100 f 10 4 10 6 5 10 10 10 Hz 78 e α SSB0799-M 0 20 40 60 80 dB 100 8 4 10 f 5 10 6 10 7 10 Hz 10 e α SSB0800-U 0 20 40 60 80 dB 100 10 4 f 5 10 6 10 7 10 Hz 8 10 e α SSB0801-3 0 20 40 60 80 dB 100 10 4 f 10 5 10 67 10 Hz 8 10 e α |