| Moteur de recherche de fiches techniques de composants électroniques |
|
TSV991 Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSV991 Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 18 page ![]() Absolute maximum ratings & operating conditions TSV991-TSV992-TSV994 4/18 Table 2. Operating conditions Symbol Parameter Value Unit VCC Supply voltage 2.5 to 5.5 V Vicm Common mode input voltage range VDD -0.1 to VCC +0.1 V Toper Operating free air temperature range -40 to +125 °C |