| Moteur de recherche de fiches techniques de composants électroniques |
|
SFSKA5M50CF00-R3 Fiches technique(PDF) 1 Page - Murata Manufacturing Co., Ltd |
|
|
|||||||||||||||||||||||||||||
SFSKA5M50CF00-R3 Fiches technique(HTML) 1 Page - Murata Manufacturing Co., Ltd |
|
1 / 3 page ![]() Product Search Data Sheet SFSKA5M50CF00-R3 Note: This datasheet may be out of date. Please download the latest datasheet of SFSKA5M50CF00-R3 from the official website of Murata Manufacturing Co., Ltd. http://www.murata.com/en/products/productdetail?partno=SFSKA5M50CF00-R3 Attention 1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2.This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. URL : https://www.murata.com/ Last updated04/15/2024 Applications Unsuitable Applications Please be sure to read and comply with these "Precautions for use." Specific Applications Consumer equipment Please refer to Our Website and specifications, etc. for information about the performance, functions, quality, management, and safety required for the above applications, and use Products after confirming the performance and reliability of the actual Product. Appearance & Shape Packaging Information Packaging Specifications Standard Packing Quantity -R3 330mm Embossed Tape 3000 Features SMD ceramic filter SFSKA_CF is a small and thin SMD filter sealed with a metal cap. Recommended for LCD-TVs, and small and thin tuners. Features 1. High attenuation outside bandwidth. 2. Small and thin package. 3. Reflow-solderable. 1 of 3 |
Numéro de pièce similaire - SFSKA5M50CF00-R3 |
|
Description similaire - SFSKA5M50CF00-R3 |