Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B65807-C-R26 Fiches technique(PDF) 12 Page - EPCOS

No de pièce B65807-C-R26
Description  RM cores are supplied in sets
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B65807-C-R26 Fiches technique(HTML) 12 Page - EPCOS

Back Button B65807-C-R26 Datasheet HTML 5Page - EPCOS B65807-C-R26 Datasheet HTML 6Page - EPCOS B65807-C-R26 Datasheet HTML 7Page - EPCOS B65807-C-R26 Datasheet HTML 8Page - EPCOS B65807-C-R26 Datasheet HTML 9Page - EPCOS B65807-C-R26 Datasheet HTML 10Page - EPCOS B65807-C-R26 Datasheet HTML 11Page - EPCOS B65807-C-R26 Datasheet HTML 12Page - EPCOS B65807-C-R26 Datasheet HTML 13Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
213 08/01
Adjusting screw
I Tube core with thread and core brake made of GFR polyterephthalate
Plastic adjusting screwdriver (not shown)
Plastic handle for adjusting screwdriver (not shown)
Adjusting screws
ab
c
Core RM 6
Adjusting screw
Min.
adjusting
range
%
Ordering code
Fig.
Tube core
Mate-
rial
AL value
nH
∅ × length
mm
Mate-
rial
Color
code
K 1
40
a
2,62
× 3,7
Si 1
white
15
B65659-F1-X101
M 33
63
a
2,62
× 3,7
Si 1
white
17
B65659-F1-X101
100
c
2,82
× 4,4
Si 1
brown
16
B65659-F4-X101
N 48
160
a
2,62
× 3,7
K 1
green
17
B65659-F1-X1
250
a
2,62
× 3,7
N 22
red
11
B65659-F1-X23
315
b
2,75
× 4,4
N 22
black
13
B65659-F3-X23
400
c
2,82
× 4,4
N 22
yellow
11
B65659-F4-X23
Adjusting screwdriver
B63399-B4
Handle
B63399-B5
B65659
B63399
Accessories
RM 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13