Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BES043W Fiches technique(PDF) 2 Page - Balluff Korea Ltd.

No de pièce BES043W
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BALLUFF [Balluff Korea Ltd.]
Site Internet  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES043W Fiches technique(HTML) 2 Page - Balluff Korea Ltd.

  BES043W Datasheet HTML 1Page - Balluff Korea Ltd. BES043W Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Sensors
BES 515-327-SA22-D-TF-02
Order Code: BES043W
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 213264
ETIM 6.0: EC002714
BES043W_0.62_2023-12-20
2 / 2
Remarks
Installation instructions for ultra-high temperature rated inductive sensors 939234.
The sensor is functional again after the overload has been eliminated.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Wiring Diagrams
Technical Drawings



Html Pages

1 2