| Moteur de recherche de fiches techniques de composants électroniques |
|
2000 Fiches technique(PDF) 1 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
2000 Fiches technique(HTML) 1 Page - Christian Bürkert GmbH & Co. KG |
|
1 / 16 page ![]() Visit product website DATA SHEET Type 8030 Inline flowmeter for continuous measure- ments Type 6519 Servo-assisted 3/2, 5/2 or 5/3-way solenoid valve for pneumatics Type 2012 Pneumatically operated 2/2 way globe valve CLASSIC Type 2000 Pneumatically operated 2/2 way angle seat valve CLASSIC Type 6524 3/2-way or 2 x 3/2-way solenoid valve for pneumatic applications Type 6525 5/2-way solenoid valve for pneumatic applica- tions Standard | EU | en | 2024-02-02 | 13 AirLINE Ex – electropneumatic automation system for use in potentially explosive areas • For use in potentially explosive areas (Zone 1/21) • Developed in cooperation with Siemens • Electrical connection via PROFIBUS® DP-is, electrical I/O functions via Siemens SIMATIC ET 200 iSP™ module • NEW REV.2 makes new integrable functions like pressure sensor or pressure switch possible AirLINE Ex Type 8650 is a modular electrical and pneumatic automation system that controls complex processes in potentially explosive areas (Zones 1/21). The protection class “intinsically safe” (Ex i) of electronic modules and valves allows modules to be replaced during operation. With the modules of the cooperation partner Siemens, Bürkert offers electrical, analogue and digital I/O functions for use in Zone 0. Product variants described in the data sheet may differ from the product presentation and description. Type description Can be combined with Type 8650 © Christian Bürkert GmbH & Co. KG, Subject to alteration |
Numéro de pièce similaire - 2000 |
|
Description similaire - 2000 |