| Moteur de recherche de fiches techniques de composants électroniques |
|
B65803-J-R97 Fiches technique(PDF) 6 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B65803-J-R97 Fiches technique(HTML) 6 Page - EPCOS |
|
6 / 7 page ![]() 188 08/01 Adjusting screw I Tube core with thread and core brake made of GFR polyterephthalate Plastic adjusting screwdriver (not shown) Plastic handle for adjusting screwdriver (not shown) Adjusting screw Core RM 4 Adjusting screw Min. adjusting range % Ordering code Tube core Material AL value nH ∅ × length mm Material Color code K 1 16 1,81 × 2,0 Si 1 black 20 B65539-C1003-X101 25 1,81 × 2,0 K 1 yellow 21 B65539-C1003-X1 M 33 40 1,81 × 2,0 Si 1 black 17 B65539-C1003-X101 63 1,81 × 2,0 K 1 yellow 21 B65539-C1003-X1 N 48 63 1,81 × 2,0 Si 1 black 12 B65539-C1003-X101 100 1,81 × 2,0 K 1 yellow 17 B65539-C1003-X1 160 1,81 × 2,7 N 22 red 12 B65539-C1002-X22 Adjusting screwdriver B63399-B4 Handle B63399-B5 B65539 B63399 Accessories RM 4 |