Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B65803-J-R49 Fiches technique(PDF) 6 Page - EPCOS

No de pièce B65803-J-R49
Description  Ferrites and Accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EPCOS [EPCOS]
Site Internet  http://www.epcos.com
Logo EPCOS - EPCOS

B65803-J-R49 Fiches technique(HTML) 6 Page - EPCOS

  B65803-J-R49 Datasheet HTML 1Page - EPCOS B65803-J-R49 Datasheet HTML 2Page - EPCOS B65803-J-R49 Datasheet HTML 3Page - EPCOS B65803-J-R49 Datasheet HTML 4Page - EPCOS B65803-J-R49 Datasheet HTML 5Page - EPCOS B65803-J-R49 Datasheet HTML 6Page - EPCOS B65803-J-R49 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
188 08/01
Adjusting screw
I Tube core with thread and core brake made of GFR polyterephthalate
Plastic adjusting screwdriver (not shown)
Plastic handle for adjusting screwdriver (not shown)
Adjusting screw
Core RM 4
Adjusting screw
Min.
adjusting
range
%
Ordering code
Tube core
Material
AL value
nH
∅ × length
mm
Material
Color
code
K 1
16
1,81
× 2,0
Si 1
black
20
B65539-C1003-X101
25
1,81
× 2,0
K 1
yellow
21
B65539-C1003-X1
M 33
40
1,81
× 2,0
Si 1
black
17
B65539-C1003-X101
63
1,81
× 2,0
K 1
yellow
21
B65539-C1003-X1
N 48
63
1,81
× 2,0
Si 1
black
12
B65539-C1003-X101
100
1,81
× 2,0
K 1
yellow
17
B65539-C1003-X1
160
1,81
× 2,7
N 22
red
12
B65539-C1002-X22
Adjusting screwdriver
B63399-B4
Handle
B63399-B5
B65539
B63399
Accessories
RM 4



Html Pages

1 2 3 4 5 6 7