| Moteur de recherche de fiches techniques de composants électroniques |
|
DMR35-DCMA3-DC1-R Fiches technique(PDF) 8 Page - Murata Power Solutions Inc. |
|
|
|||||||||||||||||||||||||||||
DMR35-DCMA3-DC1-R Fiches technique(HTML) 8 Page - Murata Power Solutions Inc. |
|
8 / 8 page ![]() DMR35-DCxA.A01.D04 Page 8 of 8 DMR35-DCxA Series DMR35 DC Micro and Milli-ammeters www.murata-ps.com STANDARD PACKAGING Murata Power Solutions, Inc. 129 Flanders Rd. Westborough, Ma 01581, USA. ISO 9001 and 14001 REGISTERED This product is subject to the following operating requirements and the Life and Safety Critical Application Sales Policy: Refer to: https://www.murata-ps.com/requirements/ Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. ©2021 Murata Power Solutions, Inc.. |