Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMS-20ACV-3-R-C Fiches technique(PDF) 4 Page - Murata Power Solutions Inc.

No de pièce DMS-20ACV-3-R-C
Description  480V, Self-Powered, AC Line Monitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA-PS [Murata Power Solutions Inc.]
Site Internet  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMS-20ACV-3-R-C Fiches technique(HTML) 4 Page - Murata Power Solutions Inc.

  DMS-20ACV-3-R-C Datasheet HTML 1Page - Murata Power Solutions Inc. DMS-20ACV-3-R-C Datasheet HTML 2Page - Murata Power Solutions Inc. DMS-20ACV-3-R-C Datasheet HTML 3Page - Murata Power Solutions Inc. DMS-20ACV-3-R-C Datasheet HTML 4Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.murata-ps.com/support
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2023 Murata Power Solutions, Inc.
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
ISO 9001 and 14001 REGISTERED
This product is subject to the following operating requirements
and the Life and Safety Critical Application Sales Policy:
Refer to: http://www.murata-ps.com/requirements/
DMS-20ACV Series
480V, Self-Powered, AC Line Monitor
MPM_DMS-20ACV.B02 Page 4 of 4
NOTES



Html Pages

1 2 3 4