Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMA7450LR2 Fiches technique(PDF) 1 Page - Freescale Semiconductor, Inc

No de pièce MMA7450LR2
Description  짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7450LR2 Fiches technique(HTML) 1 Page - Freescale Semiconductor, Inc

  MMA7450LR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7450LR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Document Number: MMA7450L
Rev 0, 6/2007
Freescale Semiconductor
Technical Data
This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2007. All rights reserved.
±2g/±4g/±8g Three Axis Low-g
Digital Output Accelerometer
The MMA7450L is a Digital Output (I2C/SPI), low power, low profile
capacitive micromachined accelerometer featuring signal conditioning, a low
pass filter, temperature compensation, self test, configurable to detect 0g
through interrupt pins (INT1 or INT2), and pulse (click) detect for quick motion
detection. The 0g offset can be customer calibrated using assigned 0g
registers and g-Select which allows for command selection for 3 sensitivities
(2g/4g/8g). Zero-g offset and sensitivity are factory set and require no external
devices. The MMA7450L includes a Standby Mode that makes it ideal for
handheld battery powered electronics.
Features
•
Digital Output (I2C/SPI) - 10-Bit at 8g Mode
•
3mm x 5mm x 0.8mm LGA-14 Package
•
Low Current Consumption: 400
μA
•
Sleep Mode: 5
μA
•
Low Voltage Operation: 2.4 V – 3.6 V
•
Customer Assigned Registers for Offset Calibration
•
Programmable Threshold Interrupt Output
•
Level/Pulse Detection for Motion Recognition (Shock, Vibration, Freefall)
•
Click Detection for Single or Double Click Recognition
•
High Sensitivity (64 LSB/g @ 2g and @ 8g in 10-Bit Mode)
•
Selectable Sensitivity (±2g, ±4g, ±8g)
•
Self Test for X-Axis
•
Robust Design, High Shocks Survivability (10,000 g)
•
RoHS Compliant
•
Environmentally Preferred Product
•
Low Cost
Typical Applications
•
Cell Phone/PMP/PDA: Image Stability, Text Scroll, Motion Dialing,
E-Compass, Tap to Mute
•
HDD: Freefall Detection
•
Laptop PC: Freefall Detection, Anti-Theft
•
Navigation and Dead Reckoning: Position Detection, Pedometer
•
E-Compass Tilt Compensation
•
3D Gaming: Tilt and Motion Sensing, Event Recorder
ORDERING INFORMATION
Part Number
Temperature Range
Package
Shipping
MMA7450LT
–20 to +65°C
LGA-14
Tray
MMA7450LR1
–20 to +65°C
LGA-14
Tape & Reel (7” Reel)
MMA7450LR2
–20 to +65°C
LGA-14
Tape & Reel (13” Reel)
MMA7450L
MMA7450L: XYZ AXIS
ACCELEROMETER
±2G/±4G/±8G
14 LEAD
LGA
CASE 1935-01
Bottom View
Figure 1. Pin Connections
Top View
AVdd
GND
DVdd_IO
INT1/DRDY
INT2
N/C
SDO
SDA/SDI/SDO
N/C
N/C
N/C
GND


Numéro de pièce similaire - MMA7450LR2

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MMA7455 ETC-MMA7455 Datasheet
732Kb / 7P
MMA7455 3-Axis Accelerometer Module (#28526)
v1.1 9/24/2009
logo
Freescale Semiconductor...
MMA7455L FREESCALE-MMA7455L Datasheet
536Kb / 27P
Three Axis Low-g Digital Output Accelerometer
MMA7455L FREESCALE-MMA7455L Datasheet
504Kb / 35P
짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7455L FREESCALE-MMA7455L Datasheet
516Kb / 35P
짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
logo
NXP Semiconductors
MMA7455L NXP-MMA7455L Datasheet
653Kb / 35P
짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
Rev 10, 12/2009
More results

Description similaire - MMA7450LR2

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MMA7330L_0708 FREESCALE-MMA7330L_0708 Datasheet
149Kb / 10P
짹4g - 16g Three Axis Low-g Micromachined Accelerometer
MMA7456L FREESCALE-MMA7456L Datasheet
519Kb / 36P
짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7455L FREESCALE-MMA7455L_08 Datasheet
504Kb / 35P
짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7456L FREESCALE-MMA7456L_08 Datasheet
519Kb / 36P
짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7455L FREESCALE-MMA7455L_09 Datasheet
516Kb / 35P
짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
MMA7456L FREESCALE-MMA7456L_09 Datasheet
564Kb / 35P
짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
logo
Analog Devices
ADXL362 AD-ADXL362 Datasheet
904Kb / 40P
Micropower Three-Axis 짹2g/짹4g/짹8g
Rev. PrB
logo
NXP Semiconductors
MMA7455L NXP-MMA7455L Datasheet
653Kb / 35P
짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
Rev 10, 12/2009
MMA7456L NXP-MMA7456L Datasheet
693Kb / 35P
짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
Rev 4, 04/2009
logo
Analog Devices
ADXL350 AD-ADXL350 Datasheet
553Kb / 36P
3-Axis, 짹1g/짹2g/짹4g/짹8g Digital Accelerometer
9/12-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22