Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

78250MVC-R Fiches technique(PDF) 5 Page - Murata Power Solutions Inc.

No de pièce 78250MVC-R
Description  MAX250/MAX251 Compatible Converter Transformers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA-PS [Murata Power Solutions Inc.]
Site Internet  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

78250MVC-R Fiches technique(HTML) 5 Page - Murata Power Solutions Inc.

  78250MVC-R Datasheet HTML 1Page - Murata Power Solutions Inc. 78250MVC-R Datasheet HTML 2Page - Murata Power Solutions Inc. 78250MVC-R Datasheet HTML 3Page - Murata Power Solutions Inc. 78250MVC-R Datasheet HTML 4Page - Murata Power Solutions Inc. 78250MVC-R Datasheet HTML 5Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
KMP_78250C_D03 Page 5 of 5
78250 Series
MAX250/MAX251 Compatible Converter Transformers
www.murata.com
Murata Power Solutions (Milton Keynes) Ltd. makes no representation that the use of its products in the circuits described herein, or the use
of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do
not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change
without notice.
© 2021 Murata Power Solutions (Milton Keynes) Ltd
This product is subject to the following operating requirements
and the Life and Safety Critical Application Sales Policy:
Refer to: https://www.murata.com/en-eu/products/power/requirements
DISCLAIMER
Unless otherwise stated in the datasheet, all products are designed for standard commercial and industrial applications and NOT for safety-critical and/or life-critical
applications.
Particularly for safety-critical and/or life-critical applications, i.e. applications that may directly endanger or cause the loss of life, inflict bodily harm and/or loss or severe
damage to equipment/property, and severely harm the environment, a prior explicit written approval from Murata is strictly required. Any use of Murata standard prod-
ucts for any safety-critical, life-critical or any related applications without any prior explicit written approval from Murata shall be deemed unauthorised use.
These applications include but are not limited to:
•
Aircraft equipment
•
Aerospace equipment
•
Undersea equipment
•
Power plant control equipment
•
Medical equipment
•
Transportation equipment ( automobiles, trains, ships, etc.)
•
Traffic signal equipment
•
Disaster prevention / crime prevention equipment
•
Data Processing equipment
Murata makes no express or implied warranty, representation, or guarantee of suitability, fitness for any particular use/purpose and/or compatibility with any applica-
tion or device of the buyer, nor does Murata assume any liability whatsoever arising out of unauthorised use of any Murata product for the application of the buyer. The
suitability, fitness for any particular use/purpose and/or compatibility of Murata product with any application or device of the buyer remain to be the responsibility and
liability of the buyer.
Buyer represents and agrees that it has all the necessary expertise to create and implement safeguards that anticipate dangerous consequences of failures, moni-
tor failures and their consequences, lessen the likelihood of failures that might cause harm, and take appropriate remedial actions. Buyer will fully indemnify and hold
Murata, its affiliated companies, and its representatives harmless against any damages arising out of unauthorised use of any Murata products in any safety-critical and/
or life-critical applications.
Remark: Murata in this section refers to Murata Manufacturing Company and its affiliated companies worldwide including, but not limited to, Murata Power Solutions.



Html Pages

1 2 3 4 5