Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

REF35102QDBVR Fiches technique(PDF) 30 Page - Texas Instruments

No de pièce REF35102QDBVR
Description  REF35 Ultra Low-Power, High-Precision Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

REF35102QDBVR Fiches technique(HTML) 30 Page - Texas Instruments

Back Button REF35102QDBVR Datasheet HTML 26Page - Texas Instruments REF35102QDBVR Datasheet HTML 27Page - Texas Instruments REF35102QDBVR Datasheet HTML 28Page - Texas Instruments REF35102QDBVR Datasheet HTML 29Page - Texas Instruments REF35102QDBVR Datasheet HTML 30Page - Texas Instruments REF35102QDBVR Datasheet HTML 31Page - Texas Instruments REF35102QDBVR Datasheet HTML 32Page - Texas Instruments REF35102QDBVR Datasheet HTML 33Page - Texas Instruments REF35102QDBVR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
6-Mar-2023
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
REF35102QDBVR
SOT-23
DBV
6
3000
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
REF35120QDBVR
SOT-23
DBV
6
3000
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
REF35125QDBVR
SOT-23
DBV
6
3000
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
REF35160QDBVR
SOT-23
DBV
6
3000
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
REF35170QDBVR
SOT-23
DBV
6
3000
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
REF35180QDBVR
SOT-23
DBV
6
3000
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
REF35205QDBVR
SOT-23
DBV
6
3000
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
REF35250QDBVR
SOT-23
DBV
6
3000
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
REF35300QDBVR
SOT-23
DBV
6
3000
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
REF35330QDBVR
SOT-23
DBV
6
3000
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
REF35360QDBVR
SOT-23
DBV
6
3000
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
REF35409QDBVR
SOT-23
DBV
6
3000
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
REF35500QDBVR
SOT-23
DBV
6
3000
180.0
8.4
3.23
3.17
1.37
4.0
8.0
Q3
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38