| Moteur de recherche de fiches techniques de composants électroniques |
|
REF35 Fiches technique(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF35 Fiches technique(HTML) 28 Page - Texas Instruments |
|
28 / 38 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 3-Mar-2024 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples PREF35125YBHR ACTIVE DSBGA YBH 4 12000 RoHS & Green SNAGCU Level-1-260C-UNLIM -40 to 125 P Samples PREF35180YBHR ACTIVE DSBGA YBH 4 3000 TBD Call TI Call TI -40 to 125 Samples PREF35250YBHR ACTIVE DSBGA YBH 4 3000 TBD Call TI Call TI -40 to 125 Samples REF35102QDBVR ACTIVE SOT-23 DBV 6 3000 RoHS & Green NIPDAUAG Level-2-260C-1 YEAR -40 to 125 2RTI Samples REF35120QDBVR ACTIVE SOT-23 DBV 6 3000 RoHS & Green NIPDAUAG Level-2-260C-1 YEAR -40 to 125 2RVI Samples REF35125QDBVR ACTIVE SOT-23 DBV 6 3000 RoHS & Green NIPDAUAG Level-2-260C-1 YEAR -40 to 125 2RUI Samples REF35160QDBVR ACTIVE SOT-23 DBV 6 3000 RoHS & Green NIPDAUAG Level-2-260C-1 YEAR -40 to 125 2UII Samples REF35170QDBVR ACTIVE SOT-23 DBV 6 3000 RoHS & Green NIPDAUAG Level-2-260C-1 YEAR -40 to 125 31QI Samples REF35180QDBVR ACTIVE SOT-23 DBV 6 3000 RoHS & Green NIPDAUAG Level-2-260C-1 YEAR -40 to 125 2J2I Samples REF35205QDBVR ACTIVE SOT-23 DBV 6 3000 RoHS & Green NIPDAUAG Level-2-260C-1 YEAR -40 to 125 2UKI Samples REF35250QDBVR ACTIVE SOT-23 DBV 6 3000 RoHS & Green NIPDAUAG Level-2-260C-1 YEAR -40 to 125 2RSI Samples REF35300QDBVR ACTIVE SOT-23 DBV 6 3000 RoHS & Green NIPDAUAG Level-2-260C-1 YEAR -40 to 125 2SLI Samples REF35330QDBVR ACTIVE SOT-23 DBV 6 3000 RoHS & Green NIPDAUAG Level-2-260C-1 YEAR -40 to 125 2ULI Samples REF35360QDBVR ACTIVE SOT-23 DBV 6 3000 RoHS & Green NIPDAUAG Level-2-260C-1 YEAR -40 to 125 31RI Samples REF35409QDBVR ACTIVE SOT-23 DBV 6 3000 RoHS & Green NIPDAUAG Level-2-260C-1 YEAR -40 to 125 2UMI Samples REF35500QDBVR ACTIVE SOT-23 DBV 6 3000 RoHS & Green NIPDAUAG Level-2-260C-1 YEAR -40 to 125 2RWI Samples (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. Addendum-Page 1 |