| Moteur de recherche de fiches techniques de composants électroniques |
|
MIRA030 Fiches technique(PDF) 20 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
MIRA030 Fiches technique(HTML) 20 Page - OSRAM GmbH |
|
20 / 47 page ![]() Mira030 Functional description Datasheet • PUBLIC • Document Feedback DS001021 • v3-00 • 2024-Feb-07 20 / 47 / 7.3 Sensor ID Table 12: Sensor ID registers Function Address Default value Sensor ID high byte 16’h3107 8’h00 Sensor ID low byte 16’h3108 8’h31 7.4 Data interface There are three types of data interfaces in this chip: the Mobile Industry Processor Interface (MIPI) and the Low Voltage Differential Signaling (LVDS). 7.4.1 Mobile industry processor interface (MIPI) This chip provides a Mobile Industry Processor Interface (MIPI) which supports 8/10/12-bit, 1/2-lane data serial output. Figure 10 shows the MIPI/LVDS interface. Figure 10: MIPI/LVDS interface MIPI/LVDS TX MIPI/LVDS RX (+)MD0P (-)MD0N (+)MD0P (-)MD0N (+)MD1P (-)MD1N (+)MD1P (-)MD1N (Clock+)MCP (Clock-)MCN (Clock+)MCP (Clock-)MCN |