Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTQ99G.01-R2T1-25-1 Fiches technique(PDF) 3 Page - OSRAM GmbH

No de pièce LTQ99G.01-R2T1-25-1
Description  The Chip LED 0603 is the product of choice for status indication in electronics.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTQ99G.01-R2T1-25-1 Fiches technique(HTML) 3 Page - OSRAM GmbH

  LTQ99G.01-R2T1-25-1 Datasheet HTML 1Page - OSRAM GmbH LTQ99G.01-R2T1-25-1 Datasheet HTML 2Page - OSRAM GmbH LTQ99G.01-R2T1-25-1 Datasheet HTML 3Page - OSRAM GmbH LTQ99G.01-R2T1-25-1 Datasheet HTML 4Page - OSRAM GmbH LTQ99G.01-R2T1-25-1 Datasheet HTML 5Page - OSRAM GmbH LTQ99G.01-R2T1-25-1 Datasheet HTML 6Page - OSRAM GmbH LTQ99G.01-R2T1-25-1 Datasheet HTML 7Page - OSRAM GmbH LTQ99G.01-R2T1-25-1 Datasheet HTML 8Page - OSRAM GmbH LTQ99G.01-R2T1-25-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LT Q99G.01
DATASHEET
DATASHEET
3 | Version 1.0 | 2023-02-09
Ordering Information
Type
Luminous Intensity 1)
Ordering Code
I
F = 5 mA
I
v
LT Q99G.01-R2T1-25-1
140 ... 355 mcd
Q65113A5257



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23