Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LEDP1MS Fiches technique(PDF) 12 Page - OSRAM GmbH

No de pièce LEDP1MS
Description  OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEDP1MS Fiches technique(HTML) 12 Page - OSRAM GmbH

Back Button LEDP1MS Datasheet HTML 8Page - OSRAM GmbH LEDP1MS Datasheet HTML 9Page - OSRAM GmbH LEDP1MS Datasheet HTML 10Page - OSRAM GmbH LEDP1MS Datasheet HTML 11Page - OSRAM GmbH LEDP1MS Datasheet HTML 12Page - OSRAM GmbH LEDP1MS Datasheet HTML 13Page - OSRAM GmbH LEDP1MS Datasheet HTML 14Page - OSRAM GmbH LEDP1MS Datasheet HTML 15Page - OSRAM GmbH LEDP1MS Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
LE D P1MS
DATASHEET
DATASHEET
12 | Version 0.1 | 2022-09-26
Recommended Solder Pad 7)
For protection during reflow soldering and handling a foil is attached to the device. The foil has to be removed before opera-
tion. For superior solder joint connectivity results we recommend soldering under standard nitrogen atmosphere. To ensure a
high solder joint reliability and to minimize the risk of solder joint cracks, the customer is responsible to evaluate the combina-
tion of PCB board and solder paste material for his application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21