| Moteur de recherche de fiches techniques de composants électroniques |
|
2N7002 Fiches technique(PDF) 1 Page - Comchip Technology |
|
|
|||||||||||||||||||||||||||||
2N7002 Fiches technique(HTML) 1 Page - Comchip Technology |
|
1 / 3 page ![]() 2N7002 Description The MTN7002N2 is a N-channel enhancement-mode MOS transistor. N-CHANNEL TRANSISTOR www.comchiptech.com COMCHIP SOT-23 Dimensions in inches (millimeters) .037(0.95) .037(0.95) .119 (3.0) .020 (0.5) .020 (0.5) Top View .103 (2.6) .110 (2.8) .086 (2.2) .020 (0.5) 3 12 G Gate S Sourse D Drain Equivalent Circuit Drain-Sourse Voltage BVDSS 60 V Drain-Gate Voltage (RGS=1M ) BVDSS 60 V Gate-Source Voltage VGS +/-40 V Continuous Drain Current (Ta=25 C) ID 200 *1 mA Continuous Drain Current (Ta=100 C) ID 115 *1 mA Pulsed Drain Current (Ta=25 C) ID 800 *2 mA Total Power Dissipation (Ta=25 C) Pd 200 mW DERATE Above 25 C 0.16 mW/ C Operating Junction Temperature Tj -55~+150 C Storage Temperature Tstg -55~+150 C Thermal Resistance, Junction-to-Ambient 625 C/W Lead Temperature, for 10 second Soldering 260 C Drain-Sourse Voltage BVDSS 60 V Parameter Symbol Limits Unit Absolute Maximum Ratings (Ta=25 C) MDS0303007A Page 1 |
Numéro de pièce similaire - 2N7002 |
|
Description similaire - 2N7002 |