| Moteur de recherche de fiches techniques de composants électroniques |
|
DMR35-ACA2-AC1-R Fiches technique(PDF) 6 Page - Murata Power Solutions Inc. |
|
|
|||||||||||||||||||||||||||||
DMR35-ACA2-AC1-R Fiches technique(HTML) 6 Page - Murata Power Solutions Inc. |
|
6 / 11 page ![]() DMR35-ACA.A01.D0 5 Page 6 of 11 DMR35-ACA/mA Series AC Ammeter www.murata-ps.com METER CONFIGURATION Five configuration switches are provided to configure measurement range, measurement mode, and display intensity. Measurement Range: Switches 4 and 5: Switch Setting DMR35 Model 4 5 Dipswitch -ACA1 -ACA2 -ACMA OFF OFF 0-1 A AC 0-5 A AC 0-100 mA AC OFF ON 0-1.5 A AC 0-7.5 A AC 0-200 mA AC ON OFF 0-2 A AC 0-10 A AC 0-250 mA AC ON ON 0-3 A AC 0-10 A AC 0-500 mA AC Measurement Mode: Switch 3: Switch Setting by Position No. Measurement Mode 3 Dipswitch OFF ‘Average’ Reading (RMS adjusted) ON RMS Reading Display Intensity: Switches 1 and 2: Switch Setting by Position No. Display Intensity 1 2 Dipswitch OFF OFF Low OFF ON Medium ON OFF High ON ON High 2 (Subtle increase in intensity compared with ‘High’ setting) |