| Moteur de recherche de fiches techniques de composants électroniques |
|
ACM3P-4-AC1-R-C Fiches technique(PDF) 6 Page - Murata Power Solutions Inc. |
|
|
|||||||||||||||||||||||||||||
ACM3P-4-AC1-R-C Fiches technique(HTML) 6 Page - Murata Power Solutions Inc. |
|
6 / 6 page ![]() NOTES 1. Description of safety marks: Caution, risk of electrical shock Caution, risk of danger Equipment is protected throughout by double or reinforced insulation 2. Cleaning Instructions: Gently clean with dry cloth only. 3. Caution: if the equipment is used in a manner not specified by Murata Power Solutions, the protection provided by the equipment may be impaired. www.murata-ps.com/support Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. © 2022 Murata Power Solutions, Inc. Murata Power Solutions, Inc. 129 Flanders Road, Westborough, MA 01581 U.S.A. ISO 9001 and 14001 REGISTERED This product is subject to the following operating requirements and the Life and Safety Critical Application Sales Policy: Refer to: http://www.murata-ps.com/requirements/ ACM3P Series Three-Phase AC Ammeters MPM_ACM3P Series.C02 Page 6 of 6 |