Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL2S3003TT Fiches technique(PDF) 59 Page - NXP Semiconductors

No de pièce SL2S3003TT
Description  ICODE 3 (TagTamper)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S3003TT Fiches technique(HTML) 59 Page - NXP Semiconductors

Back Button SL2S3003TT Datasheet HTML 55Page - NXP Semiconductors SL2S3003TT Datasheet HTML 56Page - NXP Semiconductors SL2S3003TT Datasheet HTML 57Page - NXP Semiconductors SL2S3003TT Datasheet HTML 58Page - NXP Semiconductors SL2S3003TT Datasheet HTML 59Page - NXP Semiconductors SL2S3003TT Datasheet HTML 60Page - NXP Semiconductors SL2S3003TT Datasheet HTML 61Page - NXP Semiconductors SL2S3003TT Datasheet HTML 62Page - NXP Semiconductors SL2S3003TT Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 82 page
background image
NXP Semiconductors
SL2S3003/SL2S3003TT
ICODE 3 (TagTamper)
8.5.3.18 GET NXP SYSTEM INFORMATION
Command code = ABh
The command GET NXP SYSTEM INFORMATION command is used to get information about the IC access
conditions and supported features.
SOF
Flags
Get NXP System Info
IC Mfg code
UID
CRC16
EOF
-
8 bits
8 bits
8 bits
64 bits
optional
16 bits
-
Table 108. GET NXP SYSTEM INFORMATION request format
SOF
Flags
Error code
CRC16
EOF
-
8 bits
8 bits
16 bits
-
Table 109. GET NXP SYSTEM INFORMATION response format when Error_flag set
SOF
Flags
PP pointer
PP conditions
Lock bits
Feature
flags
CRC16
EOF
-
8 bits
8 bits
8 bits
8 bits
32 bits
16 bits
-
Table 110. GET NXP SYSTEM INFORMATION response format when Error_flag NOT set
On a valid received command, the label IC responds with the following information:
• Actual protection pointer address (PP pointer)
• Actual protection conditions for the password protection (PP conditions)
• Actual lock bits settings (Lock bits)
• Supported commands and features (Feature flags)
The bit values value in Table 113 indicate if the related feature is enabled or disabled:
• 0: feature disabled
• 1: feature enabled
Bit
Name
Feature
1 (LSB)
RL
Page L read password protection status
2
WL
Page L write password protection status
3-4
-
RFU
5
RH
Page H read password protection status
6
WH
Page H write password protection status
7-8 (MSB)
-
RFU
Table 111.  PP conditions bits
SL2S3003/SL2S3003TT
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.0 — 28 March 2024
59 / 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82