| Moteur de recherche de fiches techniques de composants électroniques |
|
8652 Fiches technique(PDF) 4 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
8652 Fiches technique(HTML) 4 Page - Christian Bürkert GmbH & Co. KG |
|
4 / 13 page ![]() Type 2065 4 | 13 Visit product website 2. Approvals Note: If you need one of these certificates, please contact your Bürkert partner. Approvals/ Conformity/ Certificate1.) Description ATEX/IECEx2.) EPS 18 ATEX 2 008 X II 2G Ex h IIC T4 Gb/II 2D Ex h IIIC T135 °C Db IECEx EPS 18.0007X Ex h IIC T4 Gb/Ex h IIIC T135 °C Db The diaphragms made of EPDM (AD), PTFE/EPDM (EA), advanced PTFE/EPDM (EU) and GYLON®/EPDM lami- nated (ER) are suitable for use with food and beverages (acc. to EC Regulation 1935/2004/EC). Diaphragms made of EPDM (AD), PTFE/EPDM (EA), advanced PTFE/EPDM (EU) and GYLON®/EPDM laminated (ER) are acc. to USP Class VI tested. FDA Diaphragms made of EPDM (AD), PTFE/EPDM (EA), advanced PTFE/EPDM (EU) and GYLON®/EPDM laminated (ER) comply with the Code of Federal Regulations published by the FDA (Food and Drug Administration, USA). 1.) Further approvals/conformity clarification on request 2.) Only in combination with variable code “PX51” (see “8.3. Bürkert Product Enquiry Form” on page 12) |