| Moteur de recherche de fiches techniques de composants électroniques |
|
8652 Fiches technique(PDF) 1 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
8652 Fiches technique(HTML) 1 Page - Christian Bürkert GmbH & Co. KG |
|
1 / 8 page ![]() Visit product website DATA SHEET Type 8652 AirLINE - the valve island optimised for process automation Type 8036 Inline flowmeter with paddle wheel, ELE- MENT design Type 2380 2/2 way Bellow Control Valve 1000526613 | Standard | EU | en | 202111 | 01 Pneumatically operated 2/2 way valve with PTFE bellows • High Medium resistance • Easy to clean for hygienic applications • Long service life • Compact The valve consists of a pneumatically piston actuator, a stainless steel body and PTFE bellows. The PTFE bellows are used for the separation of the medi- um. The materials used and the internal contours are simple to clean (CIP and SIP). The valve is suitable for food technology. The modular structure permits configuration with different armatures and customized port connectors. The pneumatic actuator is servo assisted by a pilot valve, a valve block or similar. Product variants described in the data sheet may differ from the product presentation and description. Type description Can be combined with Type 2080 INOX © Christian Bürkert GmbH & Co. KG, Subject to alteration |
Numéro de pièce similaire - 8652 |
|
Description similaire - 8652 |