Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSL27725 Fiches technique(PDF) 36 Page - OSRAM GmbH

No de pièce TSL27725
Description  Light-to-Digital Converter with Proximity Sensing
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL27725 Fiches technique(HTML) 36 Page - OSRAM GmbH

Back Button TSL27725 Datasheet HTML 32Page - OSRAM GmbH TSL27725 Datasheet HTML 33Page - OSRAM GmbH TSL27725 Datasheet HTML 34Page - OSRAM GmbH TSL27725 Datasheet HTML 35Page - OSRAM GmbH TSL27725 Datasheet HTML 36Page - OSRAM GmbH TSL27725 Datasheet HTML 37Page - OSRAM GmbH TSL27725 Datasheet HTML 38Page - OSRAM GmbH TSL27725 Datasheet HTML 39Page - OSRAM GmbH TSL27725 Datasheet HTML 40Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
Datasheet, Public
Page 35
[v2-00] 2023-Mar-30
Document Feedback
TSL2772 − Principles Of Operation
Proximity Interrupt Threshold Registers (0x08 - 0x0B)
The proximity interrupt threshold registers provide the values
to be used as the high and low trigger points for the comparison
function for interrupt generation. If the value generated by
proximity channel crosses below the lower threshold specified,
or above the higher threshold, an interrupt is signaled to the
host processor.
Figure 37:
Proximity Interrupt Threshold Registers
Register
Address
Bits
Description
PILTL
0x08
7:0
Proximity low threshold low byte
PILTH
0x09
7:0
Proximity low threshold high byte
PIHTL
0x0A
7:0
Proximity high threshold low byte
PIHTH
0x0B
7:0
Proximity high threshold high byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58