Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSL27721 Fiches technique(PDF) 25 Page - OSRAM GmbH

No de pièce TSL27721
Description  Light-to-Digital Converter with Proximity Sensing
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL27721 Fiches technique(HTML) 25 Page - OSRAM GmbH

Back Button TSL27721 Datasheet HTML 21Page - OSRAM GmbH TSL27721 Datasheet HTML 22Page - OSRAM GmbH TSL27721 Datasheet HTML 23Page - OSRAM GmbH TSL27721 Datasheet HTML 24Page - OSRAM GmbH TSL27721 Datasheet HTML 25Page - OSRAM GmbH TSL27721 Datasheet HTML 26Page - OSRAM GmbH TSL27721 Datasheet HTML 27Page - OSRAM GmbH TSL27721 Datasheet HTML 28Page - OSRAM GmbH TSL27721 Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
Page 24
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-30
TSL2772 − Principles O f Operation
System State Machine Timing
The system state machine shown in Figure 21 provides an
overview of the states and state transitions that provide system
control of the device. This section highlights the programmable
features, which affect the state machine cycle time, and
provides details to determine system level timing.
When the proximity detection feature is enabled (PEN), the
state machine transitions through the Prox Init, Prox Accum,
Prox Wait, and Prox ADC states. The Prox Init and Prox Wait times
are a fixed 2.73ms, whereas the Prox Accum time is determined
by the number of proximity LED pulses (PPULSE) and the Prox
ADC time is determined by the integration time (PTIME). The
formulas to determine the Prox Accum and Prox ADC times are
given in the associated boxes in Figure 24. If an interrupt is
generated as a result of the proximity cycle, it will be asserted
at the end of the Prox ADC state and transition to the Sleep state
if SAI is enabled.
When the power management feature is enabled (WEN), the
state machine will transition in turn to the Wait state. The wait
time is determined by WLONG, which extends normal operation
by 12x when asserted, and WTIME. The formula to determine
the wait time is given in the box associated with the Wait state
in Figure 26.
When the ALS feature is enabled (AEN), the state machine will
transition through the ALS Init and ALS ADC states. The ALS Init
state takes 2.73ms, while the ALS ADC time is dependent on the
integration time (ATIME). The formula to determine ALS ADC
time is given in the associated box in Figure 26. If an interrupt
is generated as a result of the ALS cycle, it will be asserted at
the end of the ALS ADC state and transition to the Sleep state
if SAI is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58