Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSL27713 Fiches technique(PDF) 24 Page - OSRAM GmbH

No de pièce TSL27713
Description  Light-to-Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL27713 Fiches technique(HTML) 24 Page - OSRAM GmbH

Back Button TSL27713 Datasheet HTML 20Page - OSRAM GmbH TSL27713 Datasheet HTML 21Page - OSRAM GmbH TSL27713 Datasheet HTML 22Page - OSRAM GmbH TSL27713 Datasheet HTML 23Page - OSRAM GmbH TSL27713 Datasheet HTML 24Page - OSRAM GmbH TSL27713 Datasheet HTML 25Page - OSRAM GmbH TSL27713 Datasheet HTML 26Page - OSRAM GmbH TSL27713 Datasheet HTML 27Page - OSRAM GmbH TSL27713 Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
ams Datasheet
Page 23
[v1-00] 2016-Mar-22
Document Feedback
TSL2771 − Principles Of Operation
I²C Protocol
Interface and control are accomplished through an I²C serial
compatible interface (standard or fast mode) to a set of registers
that provide access to device control functions and output data.
The devices support the 7-bit I²C addressing protocol.
The I²C standard provides for three types of bus transaction:
read, write, and a combined protocol (Figure 26). During a write
operation, the first byte written is a command byte followed by
data. In a combined protocol, the first byte written is the
command byte followed by reading a series of bytes. If a read
command is issued, the register address from the previous
command will be used for data access. Likewise, if the MSB of
the command is not set, the device will write a series of bytes
at the address stored in the last valid command with a register
address. The command byte contains either control information
or a 5-bit register address. The control commands can also be
used to clear interrupts.
The I²C bus protocol was developed by Philips (now NXP). For
a complete description of the I²C protocol, please review the
NXP I²C design specification at
http://www.i2c-bus.org/references/.
A
N
P
R
S
S
W
...
Acknowledge (0)
Not Acknowledged (1)
Stop Condition
Read (1)
Start Condition
Repeated Start Condition
Write (0)
Continuation of protocol
Master-to-Slave
Slave-to-Master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51