| Moteur de recherche de fiches techniques de composants électroniques |
|
TSL27711 Fiches technique(PDF) 30 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL27711 Fiches technique(HTML) 30 Page - OSRAM GmbH |
|
30 / 51 page ![]() ams Datasheet Page 29 [v1-00] 2016-Mar-22 Document Feedback TSL2771 − Register Set ALS Timing Register (0x01) The ALS timing register controls the internal integration time of the ALS channel ADCs in 2.72 ms increments. Figure 30: ALS Timing Register Proximity Time Control Register (0x02) The proximity timing register controls the integration time of the proximity ADC in 2.72 ms increments. It is recommended that this register be programmed to a value of 0xFF (1 integration cycle). Figure 31: Proximity Time Control Register Field Bits Description ATIME 7:0 VALUE INTEG_CYCLES TIME MAX COUNT 0xFF 1 2.72 ms 1024 0xF6 10 27.2 ms 10240 0xDB 37 101 ms 37888 0xC0 64 174 ms 65535 0x00 256 696 ms 65535 Field Bits Description PTIME 7:0 VALUE INTEG_CYCLES TIME MAX COUNT 0xFF 1 2.72 ms 1023 |