| Moteur de recherche de fiches techniques de composants électroniques |
|
TSL27717FN Fiches technique(PDF) 44 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL27717FN Fiches technique(HTML) 44 Page - OSRAM GmbH |
|
44 / 51 page ![]() ams Datasheet Page 43 [v1-00] 2016-Mar-22 Document Feedback TSL2771 − Manufacturing Information The FN package has been tested and has demonstrated an ability to be reflow soldered to a PCB substrate. The solder reflow profile describes the expected maximum heat exposure of components during the solder reflow process of product on a PCB. Temperature is measured on top of component. The components should be limited to a maximum of three passes through this solder reflow profile. Figure 48: Soldier Reflow Profile Figure 49: Solder Reflow Profile Graph Note(s): 1. Note to scale – for reference only. Parameter Reference Device Average temperature gradient in preheating 2.5°C/s Soak time tsoak 2 to 3 minutes Time above 217°C (T1)t1 Max 60 s Time above 230°C (T2) t2 Max 50 s Time above Tpeak −10°C (T3)t3 Max 10 s Peak temperature in reflow Tpeak 260°C Temperature gradient in cooling Max −5°C/s Manufacturing Information t3 t2 t1 tsoak T3 T2 T1 Tpeak Not to scale — for reference o Time (s) |