Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSL2772 Fiches technique(PDF) 37 Page - OSRAM GmbH

No de pièce TSL2772
Description  Light-to-Digital Converter with Proximity Sensing
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2772 Fiches technique(HTML) 37 Page - OSRAM GmbH

Back Button TSL2772 Datasheet HTML 33Page - OSRAM GmbH TSL2772 Datasheet HTML 34Page - OSRAM GmbH TSL2772 Datasheet HTML 35Page - OSRAM GmbH TSL2772 Datasheet HTML 36Page - OSRAM GmbH TSL2772 Datasheet HTML 37Page - OSRAM GmbH TSL2772 Datasheet HTML 38Page - OSRAM GmbH TSL2772 Datasheet HTML 39Page - OSRAM GmbH TSL2772 Datasheet HTML 40Page - OSRAM GmbH TSL2772 Datasheet HTML 41Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
Page 36
Datasheet, Public
Document Feedback
[v2-00] 2023-Mar-30
TSL2772 − Principles O f Operation
Persistence Filter Register (0x0C)
The persistence filter register controls the interrupt capabilities
of the device. Configurable filtering is provided to allow
interrupts to be generated after every ADC cycle or if the ADC
cycle has produced a result that is outside of the values
specified by threshold register for some specified amount of
time. Separate filtering is provided for proximity and ALS
functions. ALS interrupts are generated using C0DATA.
Figure 38:
Persistence Filter Register
76
5
4
3
2
1
0
PPERS
APERS
Field
Bits
Description
PPERS
7:4
Proximity interrupt persistence. Controls rate of proximity interrupt to the host
processor
FIELD VALUE
MEANING
INTERRUPT PERSISTENCE FUNCTION
0000
---
Every proximity cycle generates an interrupt
0001
1
1 proximity value out of range
0010
2
2 consecutive proximity values out of range
...
...
...
1111
15
15 consecutive proximity values out of range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58