| Moteur de recherche de fiches techniques de composants électroniques |
|
TSL26713FN Fiches technique(PDF) 30 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL26713FN Fiches technique(HTML) 30 Page - OSRAM GmbH |
|
30 / 45 page ![]() ams Datasheet Page 29 [v1-00] 2016-Jul-12 Document Feedback TSL2671 − Register Description ID Register (0x12) The ID Register provides the value for the part number. The ID register is a read-only register. Figure 34: ID Register Status Register (0x13) The Status Register provides the internal status of the device. This register is read only. Figure 35: Status Register Field Bits Description ID 7:0 Part number identification 0x00 = TSL26711 & TSL26715 0x09 = TSL26713 & TSL26717 Field Bit Description Reserved 7:6 Reserved. PINT 5 Proximity Interrupt. Indicates that the device is asserting a proximity interrupt. Reserved 4:0 Reserved. 6 75 4 2 31 0 ID ID Address 0x12 6 75 4 2 31 0 STATUS Reserved Resv Address 0x13 Reserved PINT |