| Moteur de recherche de fiches techniques de composants électroniques |
|
TSL2580 Fiches technique(PDF) 31 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL2580 Fiches technique(HTML) 31 Page - OSRAM GmbH |
|
31 / 53 page ![]() Page 30 ams Datasheet Document Feedback [v1-00] 2016-Apr-05 TSL2580, TSL2581 − Application Information: Software Basic Operation After applying VDD, the device will initially be in the power-down state. To operate the device, issue a command to access the CONTROL register followed by the data value 01h to the CONTROL register to power up the device. The TIMING register should be configured for the preferred integration period, and then the ADC_EN should be set to 1 to enable both ADC channels. Figure 39: State Diagram Application Information: Software (ADC_EN = 1 Power =1) EXT PWR POWER DOWN NO YES ACTIVE (ADC_EN = 0 Power = 1) ALS (Power = 0) |