| Moteur de recherche de fiches techniques de composants électroniques |
|
TSL2568 Fiches technique(PDF) 6 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL2568 Fiches technique(HTML) 6 Page - OSRAM GmbH |
|
6 / 56 page ![]() ams Datasheet Page 5 [v1-00] 2016-Apr-12 Document Feedback TSL2568, TSL2569 − Pin Assignments The TSL2568 and TSL2569 pin assignments are described below: Figure 3: Pin Diagram of Package CS 6-Lead Chipscale (Top View) Figure 4: Pin Diagram of Package T 6-Lead TMB (Top View) Figure 5: Terminal Functions Package drawings are not to scale Package drawings are not to scale Terminal Type Description Name T Pkg No. VDD 1Supply voltage ADDR SEL 2 I SMBus device select - three-state GND 3 Power supply ground. All voltages are referenced to GND. SCL 4 I SMBus serial clock input terminal - clock signal for SMBus serial data INT 5 O Level or SMB Alert interrupt - open drain SDA 6 I/O SMBus serial data I/O terminal - serial data I/O for SMBus Pin Assignments VDD 1 ADDR SEL 2 GND 3 6 SDA 5 INT 4 SCL 6 SDA 5 INT 4 SCL VDD 1 ADDR SEL 2 GND 3 |