| Moteur de recherche de fiches techniques de composants électroniques |
|
TSL2540 Fiches technique(PDF) 23 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL2540 Fiches technique(HTML) 23 Page - OSRAM GmbH |
|
23 / 38 page ![]() Page 22 Datasheet, Public Document Feedback [v2-00] 2022-Dec-05 TSL2540 − Register Description CFG2 Register (Address 0x9F) Figure 32: CFG2 Register The ALS gain can be adjusted by setting the two AGAIN bits as well as the AGAINMAX and AGAINL bits which yields an overall range from ½x to 128x. Figure 33: AGAIN Range Addr: 0x9F CFG2 Bit Bit Name Default Access Bit Description 7:5 Reserved 000 R/W Reserved. 4AGAINMAX 0 R/W This bit adjusts the overall ALS gain factor. See Figure 33 for recommended settings and corresponding overall ALS gain factor. 3 Reserved 0 R/W Reserved. 2AGAINL 1 R/W This bit adjusts the overall ALS gain factor. See Figure 33 for recommended settings and corresponding overall ALS gain factor. 1:0 Reserved 00 R/W Reserved. AGAIN[1] AGAIN[0] AGAINMAX AGAINL Overall ALS Gain 00 0 0 ½ 00 0 1 1 01 0 1 4 10 0 1 16 11 0 1 64 11 1 1 128 |