| Moteur de recherche de fiches techniques de composants électroniques |
|
TSL25203 Fiches technique(PDF) 10 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL25203 Fiches technique(HTML) 10 Page - OSRAM GmbH |
|
10 / 69 page ![]() Datasheet, Public Page 9 [v3-00] 2022-Dec-20 Document Feedback TSL2520 − Typical Operating Characteristics Figure 12: Spectral Responsivity Note(s): 1. The spectral responsivities shown in the figure are measured under a diffusor and scaled based on the photodiode area of each channel. The scaling factors used to generate this figure are (relative to CLEAR): 2.8 for IR. Once scaled, the responsivities are normalized. Figure 13: Normalized Angular Response X- Axis Typical Operating Characteristics λ Wavelength - nm 0 1000 2000 3000 4000 5000 6000 7000 8000 9000 10000 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 X-axis - Angular Response to White LED Clear Angle of Incident Light (°) |