| Moteur de recherche de fiches techniques de composants électroniques |
|
TMG3992 Fiches technique(PDF) 5 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMG3992 Fiches technique(HTML) 5 Page - OSRAM GmbH |
|
5 / 96 page ![]() Page 4 ams Datasheet Document Feedback [v1-06] 2018-Feb-27 TMG3992 − Pin Assignment The TMG3992 pin assignments are described below. Figure 3: Pin Diagram Figure 4: Pin Description (Top View) Package drawing is not to scale. Pin Number Pin Name Description 1 VDD Supply voltage. 2 SCL I²C serial clock input terminal. 3 GND Ground. All voltages are referenced to GND. 4 LEDA LED Anode. 5 LEDK LED Cathode. Connect to LDR pin when using internal LED driver circuit. 6 LDR LED drive. Current sink for LED. 7INT Interrupt. Open drain output (active low) and logic level output for external IR LED circuit. 8 SDA I²C serial data I/O terminal. Pin Assignment 6LDR LEDA 4 SCL 2 VDD 1 GND 3 5LEDK 8SDA 7INT TMD and TMG Package NORTH |