| Moteur de recherche de fiches techniques de composants électroniques |
|
TMF8801-1B Fiches technique(PDF) 67 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8801-1B Fiches technique(HTML) 67 Page - OSRAM GmbH |
|
67 / 73 page ![]() Document Feedback TMF8801 Tape & Reel Information Datasheet • PUBLIC DS000648 • v10-00 • 2022-Dec-20 72 │ 66 11 Tape & Reel Information Figure 125: Tape and Reel Drawing (1) All linear dimensions are in millimeters. Dimension tolerance is ± 0.10 mm unless otherwise noted. (2) The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly. (3) Symbols on drawing A0, B0, and K0 are defined in ANSI EIA Standard 481-B 2001. (4) There are two reel sizes available (see section Ordering Information) i) 7’’ reels: Each reel is 7 inch in diameter and contains 500 parts. ii) 13’’ reels: Each reel is 13 inch in diameter and contains 5000 parts. (5) ams OSRAM packaging tape and reel conform to the requirements of EIA Standard 481-B. (6) In accordance with EIA standard, device pin 1 is located next to sprocket holes in the tape. (7) This drawing is subject to change without notice. |