Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMF8701-1XM Fiches technique(PDF) 54 Page - OSRAM GmbH

No de pièce TMF8701-1XM
Description  Time-of-Flight Sensor
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8701-1XM Fiches technique(HTML) 54 Page - OSRAM GmbH

Back Button TMF8701-1XM Datasheet HTML 50Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 51Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 52Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 53Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 54Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 55Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 56Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 57Page - OSRAM GmbH TMF8701-1XM Datasheet HTML 58Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 66 page
background image
Datasheet, Public
Page 53
[v2-00] 2023-Feb-21
Document Feedback
TMF8701 − Package Information
Figure 119:
Package Drawing
Note(s):
1. All linear dimensions are in millimeters.
2. Contact finish is Au/Ni
3. This package contains no lead (Pb).
4. This drawing is subject to change without notice.
5. 5-digit tracecode is only on bottom side of the package.
Package Information
RoHS
Green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66